Part Number Hot Search : 
SDT100 009SX CS852 0P0000 A0105Y 1N5529 2SD20 3PSF120
Product Description
Full Text Search
 

To Download LQP03TN3N9C04D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency film type 0.60 0.05 0.30 0.05 0.30 0.0 5 0.15 0.05 colored side *inductance: 1.0 to 56nh (in mm) colored side *polarity marking chip inductor (chip coil) for high frequency film type lqp03t_04 series (0201 size)  dimensions  packaging code packaging minimum quantity d 180mm paper tape 10000 j 330mm paper tape 50000 b bulk(bag) 500  rated value ( p : packaging code) part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqp03tn0n6b04 p 0.6nh 0.1nh 500mhz 420ma 0.08ohm 13 500mhz 6000mhz lqp03tn0n6c04 p 0.6nh 0.2nh 500mhz 420ma 0.08ohm 13 500mhz 6000mhz lqp03tn0n7b04 p 0.7nh 0.1nh 500mhz 410ma 0.09ohm 13 500mhz 6000mhz lqp03tn0n8b04 p 0.8nh 0.1nh 500mhz 410ma 0.09ohm 13 500mhz 6000mhz lqp03tn0n8c04 p 0.8nh 0.2nh 500mhz 410ma 0.09ohm 13 500mhz 6000mhz lqp03tn0n9b04 p 0.9nh 0.1nh 500mhz 400ma 0.10ohm 13 500mhz 6000mhz lqp03tn1n0b04 p 1.0nh 0.1nh 500mhz 400ma 0.10ohm 13 500mhz 6000mhz lqp03tn1n0c04 p 1.0nh 0.2nh 500mhz 400ma 0.10ohm 13 500mhz 6000mhz lqp03tn1n1b04 p 1.1nh 0.1nh 500mhz 280ma 0.13ohm 13 500mhz 6000mhz lqp03tn1n2b04 p 1.2nh 0.1nh 500mhz 280ma 0.13ohm 13 500mhz 6000mhz lqp03tn1n2c04 p 1.2nh 0.2nh 500mhz 280ma 0.13ohm 13 500mhz 6000mhz lqp03tn1n3b04 p 1.3nh 0.1nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n4b04 p 1.4nh 0.1nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n5b04 p 1.5nh 0.1nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n5c04 p 1.5nh 0.2nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n6b04 p 1.6nh 0.1nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n7b04 p 1.7nh 0.1nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n8b04 p 1.8nh 0.1nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n8c04 p 1.8nh 0.2nh 500mhz 280ma 0.16ohm 13 500mhz 6000mhz lqp03tn1n9b04 p 1.9nh 0.1nh 500mhz 220ma 0.18ohm 13 500mhz 6000mhz lqp03tn2n0b04 p 2.0nh 0.1nh 500mhz 220ma 0.18ohm 13 500mhz 6000mhz lqp03tn2n1b04 p 2.1nh 0.1nh 500mhz 220ma 0.18ohm 13 500mhz 6000mhz lqp03tn2n2b04 p 2.2nh 0.1nh 500mhz 220ma 0.18ohm 13 500mhz 6000mhz operating temperature range: -40 c to +85 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency film type part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqp03tn2n2c04 p 2.2nh 0.2nh 500mhz 220ma 0.18ohm 13 500mhz 6000mhz lqp03tn2n3b04 p 2.3nh 0.1nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn2n4b04 p 2.4nh 0.1nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn2n5b04 p 2.5nh 0.1nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn2n6b04 p 2.6nh 0.1nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn2n7b04 p 2.7nh 0.1nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn2n7c04 p 2.7nh 0.2nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn2n8b04 p 2.8nh 0.1nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn2n9b04 p 2.9nh 0.1nh 500mhz 220ma 0.20ohm 13 500mhz 6000mhz lqp03tn3n0b04 p 3.0nh 0.1nh 500mhz 190ma 0.20ohm 13 500mhz 6000mhz lqp03tn3n1b04 p 3.1nh 0.1nh 500mhz 190ma 0.20ohm 13 500mhz 6000mhz lqp03tn3n2b04 p 3.2nh 0.1nh 500mhz 190ma 0.20ohm 13 500mhz 6000mhz lqp03tn3n3b04 p 3.3nh 0.1nh 500mhz 190ma 0.20ohm 13 500mhz 6000mhz lqp03tn3n3c04 p 3.3nh 0.2nh 500mhz 190ma 0.20ohm 13 500mhz 6000mhz lqp03tn3n4b04 p 3.4nh 0.1nh 500mhz 190ma 0.30ohm 13 500mhz 6000mhz lqp03tn3n5b04 p 3.5nh 0.1nh 500mhz 190ma 0.30ohm 13 500mhz 6000mhz lqp03tn3n6b04 p 3.6nh 0.1nh 500mhz 170ma 0.30ohm 13 500mhz 6000mhz lqp03tn3n7b04 p 3.7nh 0.1nh 500mhz 170ma 0.30ohm 13 500mhz 6000mhz lqp03tn3n8b04 p 3.8nh 0.1nh 500mhz 170ma 0.30ohm 13 500mhz 6000mhz lqp03tn3n9b04 p 3.9nh 0.1nh 500mhz 170ma 0.30ohm 13 500mhz 6000mhz lqp03tn3n9c04 p 3.9nh 0.2nh 500mhz 170ma 0.30ohm 13 500mhz 6000mhz lqp03tn4n3h04 p 4.3nh 3% 500mhz 160ma 0.40ohm 13 500mhz 6000mhz lqp03tn4n7h04 p 4.7nh 3% 500mhz 160ma 0.40ohm 13 500mhz 6000mhz lqp03tn4n7j04 p 4.7nh 5% 500mhz 160ma 0.40ohm 13 500mhz 6000mhz lqp03tn5n1h04 p 5.1nh 3% 500mhz 140ma 0.55ohm 13 500mhz 6000mhz lqp03tn5n6h04 p 5.6nh 3% 500mhz 140ma 0.55ohm 13 500mhz 6000mhz lqp03tn5n6j04 p 5.6nh 5% 500mhz 140ma 0.55ohm 13 500mhz 6000mhz lqp03tn6n2h04 p 6.2nh 3% 500mhz 130ma 0.60ohm 13 500mhz 6000mhz lqp03tn6n2j04 p 6.2nh 5% 500mhz 130ma 0.60ohm 13 500mhz 6000mhz lqp03tn6n8h04 p 6.8nh 3% 500mhz 130ma 0.60ohm 13 500mhz 6000mhz lqp03tn6n8j04 p 6.8nh 5% 500mhz 130ma 0.60ohm 13 500mhz 6000mhz lqp03tn7n5h04 p 7.5nh 3% 500mhz 110ma 0.65ohm 13 500mhz 5500mhz lqp03tn7n5j04 p 7.5nh 5% 500mhz 110ma 0.65ohm 13 500mhz 5500mhz lqp03tn8n2h04 p 8.2nh 3% 500mhz 110ma 0.86ohm 13 500mhz 5500mhz lqp03tn8n2j04 p 8.2nh 5% 500mhz 110ma 0.86ohm 13 500mhz 5500mhz lqp03tn9n1h04 p 9.1nh 3% 500mhz 100ma 1.10ohm 13 500mhz 4500mhz lqp03tn9n1j04 p 9.1nh 5% 500mhz 100ma 1.10ohm 13 500mhz 4500mhz lqp03tn10nh04 p 10nh 3% 500mhz 100ma 1.10ohm 13 500mhz 4500mhz lqp03tn10nj04 p 10nh 5% 500mhz 100ma 1.10ohm 13 500mhz 4500mhz lqp03tn12nh04 p 12nh 3% 500mhz 90ma 1.15ohm 11 500mhz 3700mhz lqp03tn12nj04 p 12nh 5% 500mhz 90ma 1.15ohm 11 500mhz 3700mhz operating temperature range: -40 c to +85 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 3 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > for high frequency film type part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) lqp03tn15nh04 p 15nh 3% 500mhz 90ma 1.40ohm 11 500mhz 3300mhz lqp03tn15nj04 p 15nh 5% 500mhz 90ma 1.40ohm 11 500mhz 3300mhz lqp03tn18nh04 p 18nh 3% 500mhz 80ma 1.60ohm 11 500mhz 3100mhz lqp03tn18nj04 p 18nh 5% 500mhz 80ma 1.60ohm 11 500mhz 3100mhz lqp03tn22nh04 p 22nh 3% 500mhz 70ma 2.55ohm 11 500mhz 2800mhz lqp03tn22nj04 p 22nh 5% 500mhz 70ma 2.55ohm 11 500mhz 2800mhz lqp03tn27nh04 p 27nh 3% 500mhz 70ma 2.90ohm 11 500mhz 2500mhz lqp03tn27nj04 p 27nh 5% 500mhz 70ma 2.90ohm 11 500mhz 2500mhz lqp03tn33nj04 p 33nh 5% 300mhz 60ma 2.95ohm 8 300mhz 2000mhz lqp03tn39nj04 p 39nh 5% 300mhz 60ma 3.35ohm 8 300mhz 1800mhz lqp03tn47nj04 p 47nh 5% 300mhz 50ma 3.60ohm 8 300mhz 1600mhz lqp03tn56nj04 p 56nh 5% 300mhz 50ma 4.30ohm 8 300mhz 1400mhz 100 1000 10000 20 40 60 80 0 q frequency (mhz) 1.5nh 3.9nh 6.8nh 10nh 15nh 27nh 56nh 1 10 100 1000 100 1000 10000 frequency (mhz) inductance (nh) 1.5nh 3.9nh 6.8nh 10nh 15nh 27nh 56nh operating temperature range: -40 c to +85 c only for reflow soldering.  q-frequency characteristics (typ.)  inductance-frequency characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of LQP03TN3N9C04D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X